Part Number Hot Search : 
BA10TFP MZ55B43 15WBS SKY77605 UM82C450 AT209SG LM1301 16100
Product Description
Full Text Search
 

To Download ZMM55C3V0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Surface Mount Zener Voltage Regulators
Spec. No. : C326SM Issued Date : 2003.07.31 Revised Date : Page No. : 1/3
ZMM55CXXSM
Mini-Melf
Descriptions
This is a complete series of zener diodes with limits and excellent operating characteristics that reflect the the superior capabilities of silicon-oxide passivated junctions. It is designed for use in hybrid thick and thin film circuits.
Maximum Ratings
Characteristics Total Device Dissipation @TA=25 Storage Temperature Junction Temperature Symbol Ptot Tstg Tj Max 500 -65 to +175 175 Unit mW C C
ZMM55CXXSM series
CYStek Product Specification
CYStech Electronics Corp.
Spec. No. : C326SM Issued Date : 2003.07.31 Revised Date : Page No. : 2/3
Electrical Characteristics (TL=30, unless otherwise noted, VF=1.0V Max @IF=100mA for all types.)
Nominal Zener Voltage Vz at IzT (V)(Note1) 2.28-2.56 2.5-2.9 2.8-3.2 3.1-3.5 3.4-3.8 3.7-4.1 4.0-4.6 4.4-5.0 4.8-5.4 5.2-6.0 5.8-6.6 6.4-7.2 7.0-7.9 7.7-8.7 8.5-9.6 9.4-10.6 10.4-11.6 11.4-12.7 12.4-14.1 13.8-15.6 15.3-17.1 16.8-19.1 18.8-21.2 20.8-23.3 22.8-25.6 25.1-28.9 28-32 31-35 34-38 37-41 40-46 44-50 Maximum Zener Typical Impedance(Note 2) Temperature ZZK at ZZT at Coefficient IZT IZK=1mA IZT(mA) (%/) () () 5 85 600 -0.070 -0.070 5 85 600 -0.070 5 85 600 5 85 600 -0.065 5 85 600 -0.060 5 85 600 -0.050 5 75 600 -0.025 5 60 600 -0.010 5 35 550 +0.015 5 25 450 +0.025 5 10 200 +0.035 5 8 150 +0.045 5 7 50 +0.050 5 7 50 +0.050 5 10 50 +0.060 5 15 70 +0.070 5 20 70 +0.070 5 20 90 +0.070 5 +0.070 26 110 5 +0.070 30 110 5 +0.070 40 170 5 +0.070 50 170 5 55 220 +0.070 5 55 220 +0.070 5 80 220 +0.080 5 +0.080 80 220 5 +0.080 80 220 5 +0.080 80 220 5 +0.080 80 220 +0.080 2.5 90 500 2.5 +0.080 90 600 2.5 +0.080 110 700 Test Current Maximum Reverse Leakage Current Test IR Voltage (A) (V) 50 1.0 10 1.0 4 1.0 1.0 2 1.0 2 1.0 2 1.0 1 1.0 0.5 1.0 0.1 1.0 0.1 0.1 2.0 0.1 3.0 0.1 5.0 0.1 6.0 0.1 7.0 0.1 7.5 0.1 8.5 0.1 9.0 0.1 10 0.1 11 0.1 12 0.1 14 0.1 15 0.1 17 0.1 18 0.1 20 0.1 22 0.1 24 0.1 27 0.1 30 0.1 33 0.1 36 Maximum Regulation Current IZM(mA)
(Note 3)
Device
ZMM55C2V4 ZMM55C2V7 ZMM55C3V0 ZMM55C3V3 ZMM55C3V6 ZMM55C3V9 ZMM55C4V3 ZMM55C4V7 ZMM55C5V1 ZMM55C5V6 ZMM55C6V2 ZMM55C6V8 ZMM55C7V5 ZMM55C8V2 ZMM55C9V1 ZMM55C10 ZMM55C11 ZMM55C12 ZMM55C13 ZMM55C15 ZMM55C16 ZMM55C18 ZMM55C20 ZMM55C22 ZMM55C24 ZMM55C27 ZMM55C30 ZMM55C33 ZMM55C36 ZMM55C39 ZMM55C43 ZMM55C47
150 135 125 115 105 95 90 85 80 70 64 58 53 47 43 40 36 32 29 27 24 21 20 18 16 14 13 12 11 10 9.2 8.5
Note: 1.The type numbers listed have zener voltage min/max as shown. Device tolerance of 2% are indicated by a "B" instead of a "C". Zener voltage is measured with the device junction in thermal equilibrium at the lead temperature of 301. 2.ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current applied. The specified limits are for IZ(ac) =0.1IZ(dc) with the ac frequency = 1k Hz. 3.This data was calculated using nominal voltages. The maximum current handling capability on a worse case basis is limited by the actual zener voltage at the operating point and the powered derating curve.
ZMM55CXXSM series
CYStek Product Specification
CYStech Electronics Corp.
Mini- Melf (SOD-80C) Dimension
Spec. No. : C326SM Issued Date : 2003.07.31 Revised Date : Page No. : 3/3
Cathode Mark
A
B
D
C
LL-34 Mini-Melf SOD-80C CYStek package code:SM
*:Typical
DIM A B
Inches Min. Max. 0.0512 0.0591 0.0118 0.0197
Millimeters Min. Max. 1.30 1.50 0.30 0.50
DIM C D
Inches Min. Max. 0.0118 0.0197 0.1260 0.1417
Millimeters Min. Max. 0.30 0.50 3.2 3.6
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
ZMM55CXXSM series
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of ZMM55C3V0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X